Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 4Page - STMicroelectronics AN2823 Datasheet HTML 5Page - STMicroelectronics AN2823 Datasheet HTML 6Page - STMicroelectronics AN2823 Datasheet HTML 7Page - STMicroelectronics AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics AN2823 Datasheet HTML 10Page - STMicroelectronics AN2823 Datasheet HTML 11Page - STMicroelectronics AN2823 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
The L5973AD in LED driving applications
AN2823
8/33
Doc ID 15015 Rev 1
so the regulated VSENSE is:
Equation 4
The accuracy of the regulated current is mainly affected by the tolerance of the resistors R6,
R1 and RS.
If the selected sense resistor value is equal to RS=1.5 Ω, the required voltage drop on the
sense resistor to set 350 mA flowing through the LED string is 525 mV. The required resistor
ratio is:
Equation 5
Given R6 = 6.8 k
Ω and R1 = 20 kΩ, the nominal LED current is 355 mA. The power wasted
on the sense resistor is so decreased from 430 mW to:
Equation 6
improving the efficiency of the conversion.
2.1.2
The dimming operation
The best way to dim an LED device is by PWM dimming performed on the current flowing
through it. The device is powered with a constant current for minimal color shift, even when
the amount of emitted light is decreased.
This requirement must be converted in the specifications for the dimmable current source.
Devices specifically tailored for the LED market (see the LED7706 and LED7707 as
examples) implement additional circuitry to meet these specifications and offer exceptional
dimming performance.
The implementation of the dimming feature in a constant current generator developed with
standard switching regulators can be tricky, as no dedicated circuitry is embedded in the
device to provide this operation. As a consequence, the design of the compensation
network must be a trade-off between the response to the small signal necessary for system
stability and the large signal during the dimming operation.
The LC filter of the output stage filters the output voltage but the output capacitor value
affects the dimming performance. In fact, even if the PWM input signal disables the current
generator, the current flowing through the LED string drops to zero only when the voltage
across the capacitor does not guarantee the minimum forward voltage across each LED.
The L5973AD is an asynchronous device: the rectification of the inductor current is given by
the external diode. The device is not capable of sinking current and so it can not quickly
discharge the output capacitor to power off the emitting diodes.
As a consequence, a large output capacitor value better filters the current flowing in the LED
from the current ripple, but significantly limits the dimming performance as it introduces
additional delay in the falling edge of the LED current.
V
S
V
FB
R
6
R
1
-------
V
REF
V
FB
–
() 1.235
R
6
R
1
------- 2.065
⋅
–
=
⋅
–
=
R
1
R
6
-------
2.9
=
P
LOSSES
R
SENSE
I
LED
2
184mW
≅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com