Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 52Page - STMicroelectronics AN4382 Datasheet HTML 53Page - STMicroelectronics AN4382 Datasheet HTML 54Page - STMicroelectronics AN4382 Datasheet HTML 55Page - STMicroelectronics AN4382 Datasheet HTML 56Page - STMicroelectronics AN4382 Datasheet HTML 57Page - STMicroelectronics AN4382 Datasheet HTML 58Page - STMicroelectronics AN4382 Datasheet HTML 59Page - STMicroelectronics AN4382 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
User interface
AN4382
56/70
DocID025437 Rev 1
9.3.10
hb - configure half bridge frequency and status
This command lets the user activate/deactivate the resonant stage and manually configure
the half bridge operating frequency. To manually activate the half bridge use “hb 1", to
deactivate use “hb 0" or select the half bridge on-time use “hb 46-650”.
The total half bridge switching period is given by Equation 20:
Equation 20
Switching period = 2* (val + LEB time + deadtime) + 52 ns
where:
val
= configured via “hb”
LEB time = 250 ns
deadtime = configured via “hf”
Syntax:
hf [val]
Parameters:
•
val [0,1,46-650]: the new switching frequency or resonant status.
–
0: switches off the half bridge
–
1: enables the half bridge
–
46 - 640: Select the on-time. The on-time value is calculated as val * 10.4 ns.
–
Output:
none
Default:
At startup the on-time value is set to 635 ns (val = 61), the deadtime is 344 ns and
the LEB time is 250 ns. Therefore, the initial switching frequency is ~400 KHz.
Example: “
hf 0": switches off the resonant stage.
9.3.11
pf - configure PFC voltage and status
The command is used to activate (“pf 1"), deactivate (“pf 0") the PFC or change the PFC
output voltage. The output voltage can be configured between 390 V (val = 875) and 410 V
(val = 920) and. The default value is 920 (410 V).
If the PFC is disabled (“pf 0") and resonant is enabled then the output current is not correctly
regulated.
Caution:
It is strongly suggested to avoid manually switching off the PFC stage while the HB is
operating.
Command “pf 2" puts the STLUX into the IDLE mode (only if the resonant stage is off: use
“hb 0"). Normal operations can be restored only by pushing the DALI button (SW2) or when
the board receives a DALI command.
Syntax:
pf [val]
Parameters:
•
val [0,1,2,875-920]:
–
0: switch off the PFC
–
1: enable the PFC
–
2: enter IDLE mode
–
875-920: configure desired PFC output voltage (875 = 390 V, 920 = 410 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com