Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 64 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 60Page - STMicroelectronics AN4382 Datasheet HTML 61Page - STMicroelectronics AN4382 Datasheet HTML 62Page - STMicroelectronics AN4382 Datasheet HTML 63Page - STMicroelectronics AN4382 Datasheet HTML 64Page - STMicroelectronics AN4382 Datasheet HTML 65Page - STMicroelectronics AN4382 Datasheet HTML 66Page - STMicroelectronics AN4382 Datasheet HTML 67Page - STMicroelectronics AN4382 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Measurements
AN4382
64/70
DocID025437 Rev 1
10.4
IDLE and minimum power
In Table 23 and Figure 24 is shown the power required from the demonstration board when
the DALI sent the power-off command (no current on output LEDs string) and put the
demonstration board into the standby mode. The input power required during standby is
shown in Table 23. Also, Table 23 shows the minimum input power when the output current
during is the lowest (~10 mA).
Figure 24. Standby power vs AC input voltage
Table 23. Board standby and minimum power
AC input voltage
IDLE (W)
Active - min. power (W)
90
0.078
1.30
110
0.083
1.35
130
0.089
1.36
160
0.104
1.28
180
0.107
1.20
220
0.129
1.15
264
0.154
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com