Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 55Page - STMicroelectronics AN4382 Datasheet HTML 56Page - STMicroelectronics AN4382 Datasheet HTML 57Page - STMicroelectronics AN4382 Datasheet HTML 58Page - STMicroelectronics AN4382 Datasheet HTML 59Page - STMicroelectronics AN4382 Datasheet HTML 60Page - STMicroelectronics AN4382 Datasheet HTML 61Page - STMicroelectronics AN4382 Datasheet HTML 62Page - STMicroelectronics AN4382 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
DocID025437 Rev 1
59/70
AN4382
User interface
70
9.5
0 - 10 V interface
The 0 - 10 V interfaces can be enabled using the “in” command described in Section 9.3 on
page 46
. By default, the STEVAL385LEDPSR demonstration board is shipped with the
0 - 10 V interface disabled. The 0 - 10 V and DALI interfaces are mutually exclusive.
The 0 - 10 V reference signal can be generated via a 0 - 10 V generator. Alternatively, it is
possible to simulate the signal using a potentiometer. The correct value of this
potentiometer is 110 K
Ω, which can be obtained using two potentiometers in series: 10 KΩ
plus 100 K
Ω. The 100 KΩ potentiometer shall be used when the output voltage is over 5 V,
while the 10 K
Ω potentiometer can be used when the output voltage is below 5 V.
The power necessary to read the input voltage is automatically generated by the
STEVAL385LEDPSR demonstration board. This solution provides excellent insulation and
all the features of the demonstration board. The maximum 0 - 10 V interface input voltage
accepted on this is 15 V.
The on/off transaction is regulated via a hysteresis mechanism. LEDs are switched off when
the 0 - 10 V interface reaches V < 1 V. LEDs are switched on when V > 1.25 V.
The relationship between the voltage applied to the 0 - 10 V interfaces and the LED output
current is defined in Table 21.
Table 21. 0 - 10 V voltage to output current
Voltage applied to connector J9
Output current (1 A scale)
Output current (500 mA scale)
More than 10 V and less then 15 V
1 A
500 mA
10 V
1 A
500 mA
9 V
900 mA
450 mA
8 V
800 mA
400 mA
7 V
700 mA
350 mA
6 V
600 mA
300 mA
5 V
500 mA
250 mA
4 V
400 mA
200 mA
3 V
300 mA
150 mA
2 V
200 mA
100 mA
1 V
100 mA
50 mA
Below 1 V
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com