Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 21Page - STMicroelectronics AN4382 Datasheet HTML 22Page - STMicroelectronics AN4382 Datasheet HTML 23Page - STMicroelectronics AN4382 Datasheet HTML 24Page - STMicroelectronics AN4382 Datasheet HTML 25Page - STMicroelectronics AN4382 Datasheet HTML 26Page - STMicroelectronics AN4382 Datasheet HTML 27Page - STMicroelectronics AN4382 Datasheet HTML 28Page - STMicroelectronics AN4382 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
DocID025437 Rev 1
25/70
AN4382
STLUX - pinout
70
32
A-IN
ADCIN [6]
3.3 V power voltage monitor
33
A-IN
ADCIN [5]
14 V power voltage monitor
34
A-IN
ADCIN [4]
0 - 10 voltage monitor
35
A-IN
ADCIN [3]
AC input voltage monitor
36
A-IN
ADCIN [2]
Half bridge auxiliary winding voltage sensing
37
A-IN
ADCIN [1]
Current reference compensation for PWM2
38
A-IN
ADCIN [0]
PFC output voltage monitor
Table 4. STLUX385A pinout (continued)
Pin
Dir.
Function
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com