Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 58Page - STMicroelectronics AN4382 Datasheet HTML 59Page - STMicroelectronics AN4382 Datasheet HTML 60Page - STMicroelectronics AN4382 Datasheet HTML 61Page - STMicroelectronics AN4382 Datasheet HTML 62Page - STMicroelectronics AN4382 Datasheet HTML 63Page - STMicroelectronics AN4382 Datasheet HTML 64Page - STMicroelectronics AN4382 Datasheet HTML 65Page - STMicroelectronics AN4382 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Measurements
AN4382
62/70
DocID025437 Rev 1
10.2
Output current regulation
This section shows the current transaction from minimum to maximum power and from
maximum to minimum power. The output current level is generated using the “recall max
level” and “recall min level” DALI commands, each command is sent every 4 second. The
output is captured with the current probe acquired on Vf = 90 V. The total transaction (up or
down) is completed into 3 seconds.
Figure 22. Output current ramp-up and down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com