Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 16Page - STMicroelectronics AN4382 Datasheet HTML 17Page - STMicroelectronics AN4382 Datasheet HTML 18Page - STMicroelectronics AN4382 Datasheet HTML 19Page - STMicroelectronics AN4382 Datasheet HTML 20Page - STMicroelectronics AN4382 Datasheet HTML 21Page - STMicroelectronics AN4382 Datasheet HTML 22Page - STMicroelectronics AN4382 Datasheet HTML 23Page - STMicroelectronics AN4382 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
ZVS LC resonant stage description
AN4382
20/70
DocID025437 Rev 1
Step 3:
Calculate the inductance value of the Lres, which is given by Equation 8 and
Equation 13
:
Equation 15
Step 4:
determine the capacitance value of the resonant capacitor Cres so that the peak
amplitude of the AC ripple voltage is much lower (e.g always 10%) than the DC offset.
Indicatively:
Equation 16
Step 5:
select the output capacitors Co so that they are rated for the maximum output
voltage VLED, they meet the output voltage ripple specification (if any) and have an
adequate AC current ripple rating.
The output current ripple specification must be met. To do so, at first we need to find the
value of the overall RLED for the LED string by considering the tangent to the forward
characteristic in the specified operating point. Then Equation 17 can be used to find the
suitable value for Co and its ESR.
Equation 17
The maximum allowed ripple current for Co must be:
Equation 18
4.1.3
Half bridge operating parameters
In order to generate a proper oscillation into the LC resonant tank, the half bridge must
generate a square wave having a 50% of duty cycle. Any unbalancing of this duty cycle may
cause the loss of zero voltage switching condition and, as a consequence, increases the
risk of components overstress.
The adoption of the same conduction time (Ton) for both the halfbridge MOSFETs ensures
this condition. When one MOSFET is turned off then the middle point of the half bridge,
thanks to resonance, moves to the opposite side of the half bridge, in a time that depends
on the overall capacitance (real or parasitic) connected to this node.
In order to avoid undesired switching losses, a deadtime (see “hf” command), longer than
this transition time , shall be applied between the time one side of the half-bridge switches
off and the time the opposite side turns on.
In order to correctly regulate the LED current, it is important to accurately detect the instant
of the peak of the resonant current. The peak is detected by the STLUX385A via a shunt
resistor placed between the source of the low side MOSFET and ground. The sampling time
()
()
Vdout
VLED
min
Vpfc,
f
ILED
32
λ
-
1
λ
Lres
2
min
hb,
2
+
⋅
⋅
⋅
=
min
hb,
f
min
Vpfc,
n
ILED
5
Cres
⋅
⋅
≥
2
2
min
hb,
ESR
4
f
Co
4
1
RLED
ILED
ILED
⋅
+


⋅
⋅
≥
⋅
Δ
3
ILED
∆ICo
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com