Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 38Page - STMicroelectronics AN4382 Datasheet HTML 39Page - STMicroelectronics AN4382 Datasheet HTML 40Page - STMicroelectronics AN4382 Datasheet HTML 41Page - STMicroelectronics AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
User interface
AN4382
42/70
DocID025437 Rev 1
9
User interface
The user can interact with the board via multiple interfaces: the DALI, serial and 0 - 10 V
interface. While the 0 - 10 V interface allows to remotely control the LED current, both DALI
and serial interfaces allow the configuration of several operating and start-up parameters.
The DALI and 0 - 10 V interface are mutually exclusive and the user can select which one to
enable. For safety reasons, the DALI, serial and 0 - 10 V interfaces are isolated.
The serial line is convenient to connect the demonstration board to additional interfaces,
such as Bluetooth®, power line modems, Wi-Fi, etc.
The user can quickly monitor the status of the board by looking at the two status LEDs (red,
green) installed on the board.
9.1
Status LEDs
There are two status LEDs on the board, one green and one red.
•
Green LED (status): active when the input power is correct and the STLUX385A device
is running.
–
LED on: STLUX385A running.
–
LED off: STLUX385A is in IDLE mode.
–
LED toggling (1 sec. on, 1 sec. off): debug mode active. The board is not
operating.
•
Red LED (failure): used to report an error or the intervention of a protection to preserve
the hardware. Once the error has been detected (e.g. via terminal command “st”), fixed
and the “co” command line is used, the red LED goes off.
9.2
List of supported DALI commands
The internal DALI stack has implemented all the standard commands defined into DALI
standard. Also the LED extension is implemented directly on the STLUX firmware.
Table 12. List of supported DALI commands
Command number
Command code
Mnemonic command name
-
YAAA AAA0 XXXX XXXX
DIRECT ARC POWER CONTROL
0
YAAA AAA1 0000 0000
OFF
1
YAAA AAA1 0000 0001
UP
2
YAAA AAA1 0000 0010
DOWM
3
YAAA AAA1 0000 0011
STEP UP
4
YAAA AAA1 0000 0100
STEP DOWN
5
YAAA AAA1 0000 0101
RECALL MAX LEVEL
6
YAAA AAA1 0000 0110
RECALL MIN LEVEL
7
YAAA AAA1 0000 0111
STEP DOWN AND OFF
8
YAAA AAA1 0000 1000
ON AND STEP UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com