Electronic Components Datasheet Search
  English  ▼

X  

AN4382 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 13Page - STMicroelectronics AN4382 Datasheet HTML 14Page - STMicroelectronics AN4382 Datasheet HTML 15Page - STMicroelectronics AN4382 Datasheet HTML 16Page - STMicroelectronics AN4382 Datasheet HTML 17Page - STMicroelectronics AN4382 Datasheet HTML 18Page - STMicroelectronics AN4382 Datasheet HTML 19Page - STMicroelectronics AN4382 Datasheet HTML 20Page - STMicroelectronics AN4382 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
DocID025437 Rev 1
17/70
AN4382
ZVS LC resonant stage description
70
4.1
LC stage customization
4.1.1
Resonant Cell ZVS design
In order to maintain the zero voltage switching condition Equation 5 needs to be met.
Equation 5
When the half bridge switching frequency (fs) is close to the resonance frequency (fR) then
the shape of the resonant tank current is piecewise sinusoidal. Otherwise, when fs >> fR
then the shape of the resonant tank current is piecewise linear.
For the purpose of the analysis both the magnetizing current and the AC voltage across the
tank capacitor Cres are negligible.
Considering that the square wave voltage applied to the resonant tank has 50% duty cycle,
it is possible to state:
Equation 6
Furthermore the output current is given by the superposition of the currents through the
secondary rectifier (Dout) and is a series of contiguous triangles. The DC output current is
equal to half of the resonant current peak value multiplied by transfer ratio (n = NPRI /
NSEC).
Equation 7
It can be demonstrated that the switching frequency of the converter is represented by
Equation 8:
Equation 8
The half bridge frequency depends directly on the input voltage and inversely on the LED
current and depends on the difference between the square of the input voltage and the
reflected value of the output voltage.
It should be noted that the half bridge frequency has a hyperbolical behavior depending on
the output power (ILED, VLED). This behavior is the main difference when compared to
an LLC or LCC resonant converter (see AN2644 and AN2450 on www.st.com).
The LC minimum operating frequency is obtained at the maximum output current, maximum
output voltage and minimum PFC output voltage. The maximum frequency is, instead,
obtained at the minimum output current (ILED, min), minimum output voltage (consider
short-circuit if required) and maximum input voltage.
()
Vpfc
2
1
Vdout
VLED
n
⋅
<
+
⋅
()
Vpfc
2
1
Cres
V
⋅
≈
pk
Ires,
2
n
ILED
⋅
≈
()
[]
Vpfc
Vdout
VLED
2n
Vpfc
Lres
ILED
16
n
f
2
2
hb
+
⋅
−
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com