Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 2Page - STMicroelectronics AN1703 Datasheet HTML 3Page - STMicroelectronics AN1703 Datasheet HTML 4Page - STMicroelectronics AN1703 Datasheet HTML 5Page - STMicroelectronics AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics AN1703 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AN1703 - APPLICATION NOTE
6/22
In free air we must consider the RTHJ-A and its value 100°C/W.
For the recommended footprint (45mm2) the RTHJ-PCB value is 62°C/W and the maximum allowable
power dissipation is:
For a drain pad area of 1in2 (about 600mm2) we obtain:
The next figure shows the maximum allowable power dissipation as function of a PCB drain pad area for
different TJ-TA values:
Figure 7: Maximum allowable power dissipation versus drain pad area
5. SOT-223
The SOT-223 is a small package designed for surface mount applications. The formed leads absorb
thermal stress during soldering, thereby eliminating the possibility of damage to the die. The
encapsulation material used in this package enhances the device reliability which allows it to exhibit
excellent performance in high temperature environments.
W
R
T
P
PCB
THj
D
4
.
2
62
150 =
=
∆
=
−
(T
JMAX = 175°C, TC = 25°C)
W
R
T
P
PCB
THj
D
4
.
2
62
150 =
=
∆
=
−
(T
JMAX = 175°C, TC = 25°C)
W
R
T
P
W
C
R
PCB
THJ
D
PCB
THJ
3
50
=
∆
=
⇒
°
=
−
−
0
1
2
3
4
0
200
400
600
800
1000
Tj-Ta=150°C
Tj-Ta=125°C
Tj-Ta=100°C
Tj-Ta=75°C
Tj-Ta=50°C
Area
mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com