Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 14Page - STMicroelectronics AN1703 Datasheet HTML 15Page - STMicroelectronics AN1703 Datasheet HTML 16Page - STMicroelectronics AN1703 Datasheet HTML 17Page - STMicroelectronics AN1703 Datasheet HTML 18Page - STMicroelectronics AN1703 Datasheet HTML 19Page - STMicroelectronics AN1703 Datasheet HTML 20Page - STMicroelectronics AN1703 Datasheet HTML 21Page - STMicroelectronics AN1703 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AN1703 - APPLICATION NOTE
20/22
The thermal characteristics of PowerSO-10 are comparable with those of the D2PAK, as shown in the next
table.
Table 1: Comparison between PowerSO-10™ and D2PAK
Steady-state thermal resistance (junction-case)
studies show approximately 0.8°C/W
for both
PowerSO-10 and D2PAK, but PowerSO-10 exhibits 30% less footprint area than D2PAK. The test vehicle
used is a MOSFET with a die-size of about 32,000 mils2 (about 20.6mm2).
Furthermore, since PowerSO-10 has been designed solely to be an SMD, symmetry in the x- and y-planes
gives the package excellent weight balance. Moreover, PowerSO-10 offers the unique opportunity to
easily control the flatness and quality of the soldering process. Both the top and the bottom soldered
edges of the package are accessible for visual inspection. PowerSO-10 is a package "designed for
testability". Co-planarity between the substrate and the package can be easily verified.
11. SMD PACKAGES COMPARISON
Thermal performances for SMD packages are summarized in the following table:
Table 2: Thermal performances for SMD packages
(*) When mounted on 1 in2 FR-4 board, 2 oz Cu, tp < 10s for small packages.
(**) When mounted on minimum recommended footprint.
Package
Ã
Package
shaping are a
[mm2]
Recomme nde d
Mi n. Footprint
area [mm2]
TJMAX
[°C]
RTHJ-PCB
[°C/W]
(*)Ã
RTHJ-PCB
[°C/W ]
(**)
PD
[W]
(*)
D2PAK
Ã
210
120
175
34.0
42.0
4.4
PowerSO-10
140
60
175
35.0
50.0
4.3
DPAK
80
45
175
50.0
62.0
3.0
PowerFLAT 5x5
25
15
150
31.2
60.0
4.0
PowerFLAT 6x5
30
23
150
31.2
60.0
4.0
SOT-223
50
15
150
38.0
56.6
3.3
PowerSO-8
30
23
150
42.0
56.6
3.0
SO-8
30
23
150
50.0
100
2.5
TSSOP8
20
15
150
83.5
100
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com