Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 5Page - STMicroelectronics AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics AN1703 Datasheet HTML 10Page - STMicroelectronics AN1703 Datasheet HTML 11Page - STMicroelectronics AN1703 Datasheet HTML 12Page - STMicroelectronics AN1703 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN1703 - APPLICATION NOTE
9/22
The minimum recommended pad patterns for the single MOSFET SO-8 (figure 12a) and dual MOSFET
SO-8 (figure 12b) show the starting point for utilizing the board area available for the heat-spreading
copper. To create this pattern, a plane of copper overlies the drain pins.
Figure 12:Single (a) & dual MOSFET (b) SO-8 minimum recommended pad pattern (all dimensions
are in mm)
These connections provide planar copper to draw heat from the drain leads and start the process of
spreading the heat so it can be dissipated into the PCB. These patterns use all the available area
underneath the body for this purpose.
Figure 13 shows a graph of RTHJ-PCB versus drain pad area from minimum recommended footprint to
15cm2, for
t
≤ 10s as power pulse:
Figure 13: RTHJ-PCB versus drain pad area for SO-8
a
b
40
60
80
100
120
0
200
400
600
800
1000
1200
1400
1600
FR-4, 2 oz copper board
Minimum recommended footprint
Area
mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com