Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 13Page - STMicroelectronics AN1703 Datasheet HTML 14Page - STMicroelectronics AN1703 Datasheet HTML 15Page - STMicroelectronics AN1703 Datasheet HTML 16Page - STMicroelectronics AN1703 Datasheet HTML 17Page - STMicroelectronics AN1703 Datasheet HTML 18Page - STMicroelectronics AN1703 Datasheet HTML 19Page - STMicroelectronics AN1703 Datasheet HTML 20Page - STMicroelectronics AN1703 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN1703 - APPLICATION NOTE
17/22
10. PowerSO-10™
Surface mounting packages, by their very nature are restricted to smaller footprints. Power devices need
larger footprints to dissipate heat. PowerSO-10 is an optimized balance between these two conflicting
requirements. Figure 26 shows PowerSO-10 with its minimum recommended footprint.
Figure 26: PowerSO-10™ package and its minimum recommended footprint (all dimensions are in
mm)
A 10-pin DIP package was manufactured also for use in intelligent power devices, which require many
leads. Discrete can use high pin count packages to distribute the current through the power circuit.
The maximum die-size is the same as TO-220 and its derived versions, D2PAK and I2PAK. The lowering
of the PowerSO-10 height results in about a 37% decrease in total volume of the package, while the
spreader area remains large. Not only does this result in a lower package cost, but also from a high
frequency standpoint, low height and less inductance are two big advantages.
The use of epoxy FR-4 boards is quite common in through-hole techniques; for surface mounting
techniques, however, its poor thermal conduction means that it is not possible to benefit from the
outstanding thermal performance of PowerSO-10. One way to improve the thermal conduction is the use
of large heat spread areas at the copper layer of the PC board. This leads to a reduction of thermal
resistance from 35-38°C/W for 3 to 6cm2 on board heatsink (see figure 27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com