Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics AN1703 Datasheet HTML 10Page - STMicroelectronics AN1703 Datasheet HTML 11Page - STMicroelectronics AN1703 Datasheet HTML 12Page - STMicroelectronics AN1703 Datasheet HTML 13Page - STMicroelectronics AN1703 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AN1703 - APPLICATION NOTE
10/22
For the minimum recommended footprint (22mm2 for a single MOSFET and 10mm2 for a dua l MOSFET)
the thermal resistance value is about RTHJ-PCB = 100°C/W and the maximum allowable power
dissipation results:
For a drain pad area of 1in2 (about 600mm2) we obtain:
The next figure shows the maximum allowable power dissipation as function of a PCB drain pad area for
different TJ-TA values.
Figure 14: Maximum allowable power dissipation versus drain pad area
7. PowerSO-8™
To enlarge our product range and, in the meantime, improve the performance of our MOSFETs housed in
SMD packages, we are introducing new options to comply with the next generation of DC to DC
converters for the computer and telecom areas. In such applications high output current and good
thermal performances are required. This new package tailored to the above requirements is PowerSO-8.
Furthermore, power devices housed in this package can be used for automotive applications such as
body electronic applications (door looking, wipers, seat positioning systems and so on).
PowerSO-8 is the power version of the standard SO-8 package. It maintains the same footprint as SO-8,
but it also has a solderable drain contact on the back. Given that heat is dissipated through the drain and
source leads and also through the back of the package, the junction-case thermal resistance is
W
R
T
P
PCB
THj
D
25
.
1
100
125 =
=
∆
=
−
(T
JMAX = 150°C, TC = 25°C)
W
R
T
P
PCB
THj
D
25
.
1
100
125 =
=
∆
=
−
(T
JMAX = 150°C, TC = 25°C)
W
R
T
P
W
C
R
PCB
THJ
D
PCB
THJ
5
.
2
50
=
∆
=
⇒
°
=
−
−
0
1
2
3
0
500
1000
1500
Tj-Ta=125°C
Tj-Ta=100°C
Tj-Ta=75°C
Tj-Ta=50°C
Area
mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com