Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1703 Datasheet HTML 1Page - STMicroelectronics AN1703 Datasheet HTML 2Page - STMicroelectronics AN1703 Datasheet HTML 3Page - STMicroelectronics AN1703 Datasheet HTML 4Page - STMicroelectronics AN1703 Datasheet HTML 5Page - STMicroelectronics AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1. ABSTRACT
The trend from through-hole packages to low-cost SMD-applications is marked by the improvement of
chip technologies. "Silicon instead of heatsink" is therefore possible in many cases. Many applications
today use PCBs assembled with SMD-technologies, the emphasis being on Power ICs in SMD packages
mounted on single-sided PCBs laminated on one side.
The printed circuit board (PCB) itself becomes the heatsink. In early fabrications a solid heatsink was
either screwed or clamped to the power package. It was easy to calculate the thermal resistance from the
geometry of the heatsink.
In SMD-technology, this calculation is much more difficult because the heat path must be evaluated: chip
(junction) - lead frame - case or pin - footprint - PCB materials (basic material, thickness of the laminate)
- PCB volume - surroundings.
As the layout of the PCB is a main contributor to the result, a new technique must be applied. Surface
mount board layout is a critical portion of the total design. The footprint for the semiconductor packages
must be the correct size to ensure proper solder connection interface between the board and the
package.
The power dissipation for a SMD device is a function of the drain pad size, which can vary from the
minimum pad size for soldering to a pad size given for maximum power dissipation. The measurements
achieved on SMD packages for different drain pad size show that by increasing the area of the drain pad
the power dissipation can be increased.
Although one can achieve improvements in power dissipation with this method, the tradeoff is to use
valuable board area.
Next we consider the common ST MOSFET SMD packages (D2PAK, DPAK, SOT-223, SO-8, PowerSO-
8™, PowerFLAT™ (5x5) and (6x5), TSSOP8 and PowerSO-10™) with their recommended footprints.
For each of these packages we will show the power dissipation for the minimum footprint and for a large
drain pad area (1in2 or 600mm2) using the max measured RTHJ-PCB.
We will show the maximum allowable power dissipation versus drain pad area for different TJ-TA values
as well.
Finally we will make a thermal performance comparison for all SMD packages analysed.
Information regarding the mechanical dimensions for each SMD package can be found on the related
datasheets.
2. THERMAL MEASUREMENTS
The most practical method of optimizing thermal performance is to characterize the MOSFET on the
PCB where it will be used. The basis of this method is to dissipate a known amount of power in the
MOSFET, and to measure the amount of temperature rise this causes in the junction, given the data
June 2003
1/22
AN1703
APPLICATION NOTE
R.Gulino
GUIDELINES FOR USING ST’S MOSFET SMD PACKAGES


Similar Part No. - AN1703

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
Audio signal processing IC for notebook PC
logo
Arista Networks, Inc
AN1701 ARISTA-AN1701 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1702 STMICROELECTRONICS-AN1702 Datasheet
159Kb / 11P
ST485EB for e-meter applications
28-Sep-2007
logo
Panasonic Semiconductor
AN1702FHK PANASONIC-AN1702FHK Datasheet
101Kb / 6P
Gray-scale voltage generating IC for liquid crystal display
logo
Arista Networks, Inc
AN1704 ARISTA-AN1704 Datasheet
3Mb / 56P
7050 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1703

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
Using BGA Packages
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
Design Guidelines for Flyback Converters
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
STMicroelectronics
AN4211 STMICROELECTRONICS-AN4211 Datasheet
796Kb / 13P
Guidelines for soldering MEMS microphones
08-Aug-2014
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
Surface mount guidelines for MEMS sensors in HLGA packages
05-Dec-2014
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
Guidelines for migrating
04-Oct-2005
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
PCB guidelines for SPEAr1340
06-Apr-2012
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
27-Nov-2013
logo
IXYS Corporation
AN-146 IXYS-AN-146 Datasheet
380Kb / 7P
Guidelines for Effective LITELINK??Designs
logo
ON Semiconductor
AN-9036 ONSEMI-AN-9036 Datasheet
470Kb / 12P
Guidelines for Using Fairchilds Power56
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com