Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1703 Datasheet HTML 1Page - STMicroelectronics AN1703 Datasheet HTML 2Page - STMicroelectronics AN1703 Datasheet HTML 3Page - STMicroelectronics AN1703 Datasheet HTML 4Page - STMicroelectronics AN1703 Datasheet HTML 5Page - STMicroelectronics AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AN1703 - APPLICATION NOTE
4/22
In free air we must consider the RTHJ-A, with a value of 62.5°C/W, like that of the TO-220.
For the minimum recommended footprint (120mm2) the RTHJ-PCB value is 42°C/W and the maximum
allowable power dissipation turns out to be:
For a drain pad area of 1in2(about 600mm2) we obtain:
The next figure shows the maximum allowable power dissipation versus drain pad area for different
TJ-TA values:
Figure 4: Maximum allowable power dissipation versus drain pad area
W
5
.
3
42
150
R
T
P
PCB
THj
D
=
=
∆
=
−
(TJMAX = 175°C, TC = 25°C)
W
4
.
4
R
T
P
W
C
34
R
PCB
THJ
D
PCB
THJ
=
∆
=
⇒
°
=
−
−
0
1
2
3
4
5
0
200
400
600
800
1000
Tj-Ta=150°C
Tj-Ta=125°C
Tj-Ta=100°C
Tj-Ta=75°C
Tj-Ta=50°C
Area
mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com