Electronic Components Datasheet Search
  English  ▼

X  

AN1703 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 3Page - STMicroelectronics AN1703 Datasheet HTML 4Page - STMicroelectronics AN1703 Datasheet HTML 5Page - STMicroelectronics AN1703 Datasheet HTML 6Page - STMicroelectronics AN1703 Datasheet HTML 7Page - STMicroelectronics AN1703 Datasheet HTML 8Page - STMicroelectronics AN1703 Datasheet HTML 9Page - STMicroelectronics AN1703 Datasheet HTML 10Page - STMicroelectronics AN1703 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN1703 - APPLICATION NOTE
7/22
Figure 8: SOT-223 and its recommended footprint (all dimensions are in mm)
Figure 9 shows the measured values of RTHJ-PCB versus drain pad area from minimum recommended
footprint to 10cm2, for
t
≤ 10s as power pulse:
Figure 9: RTHJ-PCB versus drain pad area for SOT-223
Measurements performed for minimum recommended footprint (15mm2) and
t
≤ 10s give R
THJ-PCB =
56.6°C/W and the maximum allowable power dissipation results:
30
40
50
60
0
200
400
600
800
1000
Rthj-PCB [°C/W]
Minimum recommended footprint
Area
mm2
FR-4, 2 oz copper board
W
R
T
P
PCB
THj
D
2
.
2
6
.
56
125 =
=
∆
=
−
(T
JMAX = 150°C, TC = 25°C)
W
R
T
P
PCB
THj
D
2
.
2
6
.
56
125 =
=
∆
=
−
(T
JMAX = 150°C, TC = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com