Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 8Page - STMicroelectronics AN2556 Datasheet HTML 9Page - STMicroelectronics AN2556 Datasheet HTML 10Page - STMicroelectronics AN2556 Datasheet HTML 11Page - STMicroelectronics AN2556 Datasheet HTML 12Page - STMicroelectronics AN2556 Datasheet HTML 13Page - STMicroelectronics AN2556 Datasheet HTML 14Page - STMicroelectronics AN2556 Datasheet HTML 15Page - STMicroelectronics AN2556 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Modified features
AN2556
12/35
1.4.3
Software impacts
Self-calibration and ADC initialization routine
An automatic self-calibration adjusts the ADC module to process parameter variations at
each reset event. After reset, the busy flag (read-only) ADBSY is set because the self-
calibration is ongoing. The duration of self-calibration depends on the CPU clock: It takes up
to 40.629 ± 1 clock pulse. The user should poll this bit to know when the self-calibration is
done and then initialize the ADC module.
Such self-calibration is seen in the ST10F273Z4 as a conversion and thus the ADCIR bit is
set. The software should perform a dummy read of the ADDAT register and clear the ADCIR
and ADCEIR flag before configuring the ADC module and starting the first conversion.
Bit 6 of the ADCON register was reserved in previous ST10 devices. It now has the function
of enabling or disabling the ADC. By default this bit is cleared and the ST10F273Z4 is
compatible with ST10F269Zx. Therefore, there is no impact on the software, provided it is
not written to this bit.
Reference supply current
IAREF
µA
Running mode
-
500
-
500
Power-down mode
-
1
-
1
Differential nonlinearity
DNL
-0.5
+0.5
1
1
LSB
Integral nonlinearity
INL
-1.5
+1.5
-1.5
1.5
LSB
Offset error
OFS
-1.0
+1.0
-1.5
1.5
LSB
1.
The VAREF pin is also used as the supply pin of the ADC module. As there is a higher current sink on this
pin on the ST10F273Z4 with regard to the ST10F269Zx, avoid using a resistor (for example, because of an
RC filter). This creates an offset in the reference.
Table 6.
ADC differences (continued)
Parameter
Symbol
Limit values for
ST10F269Zx
Limit values for
ST10F273Z4
Unit
Min
Max
Min
Max
ADCON (FFA0h / A0h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
ADCTC
ADSTC
ADC
RQ
ADC
IN
AD
WR
AD
BSY
AD
ST
AD
OFF
ADM
ADCH
RW
RW
RW
RW
RW
RO
RW
RW
RW
RW
Table 7.
ADCON register: ADOFF bit
Bit
Function
CommentS
ADOFF
ADC disable
0: Analog circuitry of A/D converter is turned on.
1: Analog circuitry of A/D converter is turned off.
New bit valid only for the ST10F273Z4.
Reserved for the ST10F269Zx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com