Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics AN2556 Datasheet HTML 24Page - STMicroelectronics AN2556 Datasheet HTML 25Page - STMicroelectronics AN2556 Datasheet HTML 26Page - STMicroelectronics AN2556 Datasheet HTML 27Page - STMicroelectronics AN2556 Datasheet HTML 28Page - STMicroelectronics AN2556 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
AN2556
Modified registers
25/35
Access to the X-Peripherals are configured through three pairs of specific X-Bus
configuration registers, equivalent to the External Bus register BUSCONx and ADDRSELx.
Therefore several X-Peripherals sharing the same pair leading to the point that accesses a
disabled X-Peripheral are only redirected to external memory if all the other X-Peripherals
sharing the same pair of registers are disabled.
This gives the following groups:
●
CAN1, CAN2, XASC, XSSC, XI2C, XPWM, XRTC and XMISC: accessing to range
00’E800h-00’EFFFh are redirected to external memory only if all corresponding bits
are cleared.
●
XRAM1: accessing to range 00’E000h-00’E7FFh are redirected to external memory if
bit XRAM1EN is cleared.
●
XRAM2, XFLASH: accessing to range 09’0000h-0F’FFFFh (default value in XADRS3
register, refer to Section 4.1: XADRS3 register on page 26) are redirected to external
memory if bits XRAM2EN and XFLASHEN are cleared.
3.1.1
Hardware impacts
None.
3.1.2
Software impacts
None, if ST10F269Zx software is not written to the reserved bit.
5
XFLASHEN
XFlash Enable Bit
0: Access to the Flash Registers are disabled. The on-chip Flash cannot be
programmed.
1: Access to the Flash Registers are enabled. The on-chip Flash can be
programmed.
6
XPWMEN
XPWM Enable
0: Access to the XPWM module is disabled, external access performed.
1: The XPWM module is enabled and can be accessed.
7
XASCEN
XASC Enable Bit
0: Access to the XASC is disabled, external access performed.
1: The XASC is enabled and can be accessed.
8
XSSCEN
XSSC Enable Bit
0: Access to the XSSC is disabled, external access performed.
1: The XSSC is enabled and can be accessed.
9X12CEN
X12C Enable Bit
0: Access to the X12C is disabled, external access performed.
1: The X12C is enabled and can be accessed.
10
XMISCEN
XBUS Additional Features Enable Bit
0: Access to the Additional Miscellaneous Features is disabled.
1: The Additional Features are enabled and can be accessed.
11:15
-
Reserved
Table 15.
XPERCON register description (continued)
Bit
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com