Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 16Page - STMicroelectronics AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics AN2556 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
New features
AN2556
20/35
2.2.1
Hardware impacts
None.
2.2.2
Software impacts
None, if only CLKOUT is needed.
When the CLKOUT function is enabled by setting the CLKEN bit of register SYSCON, CPU
clock output is on P3.15 by default.
To access the XCLKOUTDIV register and thus program the clock prescaling factor, the
XMISCEN bit of XPERCON and XPEN of the SYSCON registers must be set.
2.3
New multiplexer for X-Interrupts
The limited number of XBus interrupt lines of the present ST10 architecture imposes some
constraints on the implementation of new functionalities. In particular, the additional
XPeripherals XSSC, XASC, XI2C and XPWM need some resources to implement interrupt
and PEC transfer. For this reason, a complex but very flexible multiplexed structure for
interrupt is suggested. In Figure 2: X-Interrupt basic structure the principle is represented
through a simple diagram, which shows the basic structure replicated for each of the four X-
interrupt vectors (XP0INT, XP1INT, XP2INT and XP3INT).
It is based on a new 16-bit register XIRxSEL (x = 0,1,2,3), divided in two portions:
●
Byte High (XIRxSEL[15:8]) Interrupt Enable bits
●
Byte Low (XIRxSEL[7:0]) Interrupt Flag bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com