Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 10Page - STMicroelectronics AN2556 Datasheet HTML 11Page - STMicroelectronics AN2556 Datasheet HTML 12Page - STMicroelectronics AN2556 Datasheet HTML 13Page - STMicroelectronics AN2556 Datasheet HTML 14Page - STMicroelectronics AN2556 Datasheet HTML 15Page - STMicroelectronics AN2556 Datasheet HTML 16Page - STMicroelectronics AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Modified features
AN2556
14/35
In the ST10F273Z4 these flags are cleared by writing them to 1.
In the ST10F269Zx these flags are cleared by writing them to 0.
As these flags must be cleared by software when entering the corresponding interrupt
service routine, a change in the application code is needed.
Example for RTCSIR flag
Replace the ST10F269Zx code:
RTCCON &= 0xFFFE;// Clear RTCSIR flag
by the following code for ST10F273Z4:
RTCCON |= 0x0001;// Write 1 into RTCSIR flag to clear it
ST10F269Zx: RTCCON (F1C4h/E2h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7654
3210
Reserved
RTC
OFF
Reserved
RTC
AEN
RTC
AIR
RTC
SEN
RTC
SIR
-
RW
-
RW
RW
RW
RW
ST10F273Z4: RTCCON (F1C4h/E2h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7654
3210
Reserved
OFF
32
OSC
RTC
OFF
Reserved
RTC
AEN
RTC
AIR
RTC
SEN
RTC
SIR
-
RW
RO
RW
-
RW
RW
RW
RW
Table 9.
RTCCON register bits
Bit
Function
Reset
value
RTCSIR
RTC Second Interrupt Request flag (every basic clock unit)
0: The bit is reset less than a Basic Clock unit ago.
1: Interrupt is triggered.
0
RTCSEN
RTC Second interrupt Enable
0: RTC_SecIT is disabled.
1: RTC_SecIT is enabled, it is generated every basic clock unit.
0
RTCAIR
RTC Alarm Interrupt Request flag (when the alarm is triggered)
0: The bit is reset less than a Basic Clock unit ago.
1: Interrupt is triggered.
0
RTCAEN
RTC Alarm Interrupt Enable
0: RTC_alarmIT is disabled.
1: RTC_alarmIT is enabled.
0
RTCOFF
RTC Switch Off bit
0: Clock oscillator and RTC run during Power Down mode.
1: Clock oscillator is switched off during Power Down mode; RTC dividers
and counters are stopped and registers can be written.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com