Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 14Page - STMicroelectronics AN2556 Datasheet HTML 15Page - STMicroelectronics AN2556 Datasheet HTML 16Page - STMicroelectronics AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Modified features
AN2556
18/35
1.9.1
Hardware impacts
The Port0 configuration may be changed with regard to the new PLL factor.
The component on XTAL1 & XTAL2 (Crystal and capacitors, or resonator) must be changed
for the following reasons:
●
The input frequency range is now reduced.
●
It is no longer possible to use a crystal or a ceramic resonator in Direct Drive mode.
●
It is no longer possible to use a PLL factor with a frequency generator.
●
The electrical characteristics of the main oscillator have changed (transconductance)
1.9.2
Software impacts
None.
0
1
0
* 1.5
* 10
4 to 6.4
40 to 64
0
0
1
* 0.5
* 0.5
4 to 12
2 to 6
0
0
0
* 2.5
* 16
4
64
1.
All configurations need a crystal (or ceramic resonator) to generate the CPU clock through the internal
oscillator amplifier, except the Direct Drive mode (oscillator amplifier disabled, so no crystal or resonator
can be used). Vice versa, the clock can be forced through an external clock source only in Direct Drive
mode.
Table 11.
ST10F269Zx vs. ST10F273Z4 PLL ratio(1) (continued)
P0.15-13
(P0H.7-5)
PLL multiplication factor
ST10F273Z4 oscillator
ST10F269Zx
ST10F273Z4
Input range (MHz)
CPU clock range (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com