Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 15Page - STMicroelectronics AN2556 Datasheet HTML 16Page - STMicroelectronics AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
AN2556
New features
19/35
2
New features
2.1
Additional XPeripherals
Some peripherals have been added to ST10F273Z4. They are mapped on the XBus and are
linked to additional alternate functions of some ports.
The additional XPeripherals include the following:
●
A second SSC (SSC of ST10F269Zx becomes SSC0, while the new one is referred to
as XSSC or SSC1). Note that some restrictions and functional differences due to the
XBus peculiarities are present between the classic SSC and the new XSSC.
●
A second ASC (ASC0 of ST10F269Zx remains ASC0, while the new one is referred to
as XASC or ASC1). Note that some restrictions and functional differences due to the
XBus peculiarities are present between the classic ASC and the new XASC.
●
An I2C interface is added (see X-I2C or I2C interface).
In addition to the above XPeripherals, ST10F273Z4 also features a second PWM (PWM of
the ST10F269Zx becomes PWM0, while the new one is referred to as XPWM or PWM1).
Note that some restrictions and functional differences due to the XBus peculiarities are
present between the classic PWM and the new XPWM.
2.1.1
Hardware impacts
None if the additional XPeripherals are not used.
2.1.2
Software impacts
None, if the additional Peripherals are not used. As they are XPeripherals, they can be
enabled/disabled via the XPERCON and SYSCON registers. By default, the setting of
XPERCON and SYSCON is compatible with ST10F269Zx.
2.2
Programmable divider on CLKOUT
A specific register mapped on the X-Bus allows the user to choose the division factor on the
CLKOUT signal (P3.15).
XCLKOUTDIV (E902h)
XBUS
Reset value: --00h
15
14
13
12
11
10
987
65432
10
Reserved
DIV
-RW
Table 12.
XCLKOUTDIV register: DIV bit
Bit
Function
DIV
fclkout = fCPU/(DIV + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com