Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 13Page - STMicroelectronics AN2556 Datasheet HTML 14Page - STMicroelectronics AN2556 Datasheet HTML 15Page - STMicroelectronics AN2556 Datasheet HTML 16Page - STMicroelectronics AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AN2556
Modified features
17/35
1.8.2
Software impacts
Parts related to the initialization of the POCONx registers should be suppressed.
1.9
PLL and on-chip main oscillator
Compared to the ST10F269Zx, several modifications have been introduced:
●
PLL multiplication factors have been adapted in order to match the new frequency range.
●
On-chip main oscillator input frequency range has been reshaped, reducing it to 4 to12 MHz. This
allows a power consumption reduction when the Real Time Clock is running in Power Down mode
using as a reference the on-chip main oscillator clock.
●
When the PLL is used, the CPU frequency range is 16 to 64 MHz.
Figure 1.: ST10F273Z4 clock generation diagram gives a simplified overview of the CPU clock
generation. Values will be set for each stage depending on the multiplication factor selected via Port0 at
reset. The CPU clock is in fact generated mainly from a VCO with the following characteristics:
●
Input range: 1 to 3.5 MHz, which explains the Prescaler that divides the XTAL frequency
●
Output range: 64 to 128 MHz which is then divided through Divider1 to generate the CPU clock
Figure 1.
ST10F273Z4 clock generation diagram
Table 11.: ST10F269Zx vs. ST10F273Z4 PLL ratio lists the new PLL multiplications factors
and the corresponding frequency ranges for the ST10F273Z4.
Fxtal
Phase Comparator
Prescaler
VCO
Divider 1
Divider 2
Fcpu
ai13310
Table 11.
ST10F269Zx vs. ST10F273Z4 PLL ratio(1)
P0.15-13
(P0H.7-5)
PLL multiplication factor
ST10F273Z4 oscillator
ST10F269Zx
ST10F273Z4
Input range (MHz)
CPU clock range (MHz)
1
1
1
* 4
* 4
4 to 8
16 to 32
1
1
0
* 3
* 3
5.34 to 10.66
16.02 to 32
1
0
1
* 2
* 8
4 to 8
32 to 64
1
0
0
* 5
* 5
6.4 to 12
32 to 60
0
1
1
* 1
* 1
1 to 64
10 to 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com