Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 26Page - STMicroelectronics AN2556 Datasheet HTML 27Page - STMicroelectronics AN2556 Datasheet HTML 28Page - STMicroelectronics AN2556 Datasheet HTML 29Page - STMicroelectronics AN2556 Datasheet HTML 30Page - STMicroelectronics AN2556 Datasheet HTML 31Page - STMicroelectronics AN2556 Datasheet HTML 32Page - STMicroelectronics AN2556 Datasheet HTML 33Page - STMicroelectronics AN2556 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Electrical characteristics
AN2556
30/35
5
Electrical characteristics
Note:
In the tables where the device provides signals with their respective timing characteristics,
the symbol CC (Controller Characteristics) is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol SR (System Requirement) is included in the
Symbol column.
5.1
DC characteristics
5.1.1
Absolute maximum ratings
They are the same.
5.1.2
Overview of the DC characteristics
The pads of ST10F273Z4 have been redesigned according to the new technology and
therefore the characteristics are different. The user should verify the DC characteristics.
Table 19 below lists the parameters that might have the biggest impact.
Table 19.
DC characteristics
Symbol
Parameter
ST10F269Zx limit values
ST10F273Z4 limit values
Unit
Min
Max
Min
Max
VILSR
Input low voltage
(all other inputs)
-0.5
0.2 VDD - 0.1
-0.3
0.8
V
VILSSR
-0.5
2.0, special
threshold
-0.3
0.3 VDD,
special
threshold
VIL1SR
Input low voltage
(RSTIN, EA, NMI,
and RPD)
N.A.
N.A.
-0.3
0.3 VDD
V
VIL2SR
Input low voltage
(XTAL1 and XTAL3)
-0.3
0.3 VDD
V
VIHSR
Input high voltage
(all except RSTIN,
EA, NMI, RPD,
XTAL1 and XTAL3)
0.2 VDD + 0.9
VDD + 0.5
2.0
VDD + 0.3
V
VIHSSR
0.8 VDD - 0.2
VDD + 0.5,
special
threshold
0.7 VDD
VDD + 0.3,
special
threshold
HYS
Input hysteresis
NA
-
400, default
700
mV
400, special
threshold
700, special
threshold
1400
VHYS1CC
Input hysteresis
RSTIN, EA, NMI
750
1400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com