Electronic Components Datasheet Search
  English  ▼

X  

AN2556 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 27Page - STMicroelectronics AN2556 Datasheet HTML 28Page - STMicroelectronics AN2556 Datasheet HTML 29Page - STMicroelectronics AN2556 Datasheet HTML 30Page - STMicroelectronics AN2556 Datasheet HTML 31Page - STMicroelectronics AN2556 Datasheet HTML 32Page - STMicroelectronics AN2556 Datasheet HTML 33Page - STMicroelectronics AN2556 Datasheet HTML 34Page - STMicroelectronics AN2556 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Electrical characteristics
AN2556
33/35
5.2.2
Hi-speed synchronous serial interface (SSC)
The maximum baudrate of the SSC in ST10F273Z4 is 8 Mbaud while it is 10 in
ST10F269Zx. For CPU frequencies strictly higher than 32 MHz, the minimum value of the
SSCBR register (prescaler value) must not be lower than 2.
t28 CC
Address/
Unlatched CS hold
after RD, WR
0 (no tF)
-5 + tF
(tF > 0)
-0 + tF
-
0 (no tF)
-5 + tF
(tF > 0)
-0 + tF
-
t39 SR
Latched CS low to
valid data in
-
3 TCL - 19
+ 2tA + tC
-
3 TCL - 21
+ 2tA + tC
18.5 + 2tA
+ tC
-
16.5 +
2tA + tC
-
t82 CC
Address setup to
RdCS, WrCS (with
RW delay)
2 TCL -
10.5 +
2tA
-
2 TCL -
11 + 2tA
-
14.5 + 2tA
-
14 + 2tA
-
Table 21.
Demultiplexed bus timings (continued)
Symbol
Parameter
ST10F269Zx
ST10F273Z4
ST10F269Zx
@fCPU = 40 MHz
ST10F273Z4
@fCPU = 40 MHz
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com