Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 2Page - STMicroelectronics UM0277 Datasheet HTML 3Page - STMicroelectronics UM0277 Datasheet HTML 4Page - STMicroelectronics UM0277 Datasheet HTML 5Page - STMicroelectronics UM0277 Datasheet HTML 6Page - STMicroelectronics UM0277 Datasheet HTML 7Page - STMicroelectronics UM0277 Datasheet HTML 8Page - STMicroelectronics UM0277 Datasheet HTML 9Page - STMicroelectronics UM0277 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Functional description
UM0277
6/32
2
Functional description
2.1
Performances
This board meets the following requirements:
●
Medium-end appliances: this thermostat board can control the loads traditionally used
in medium-end cold appliances (compressor, light, defrost resistor).
●
Electromagnetic Compatibility: the board is able to withstand bursts of more than 2.3kV
during IEC61000-4-4 standard tests without any operational problems (and up to 4.5kV
without any damage). Surge tests have also been performed (IEC61000-4-5 standard):
2 kV bursts can be applied without any damage for the semiconductors.
●
Safety standards have also been taken into account. A 2-mm creepage is ensured
between all high voltage parts and low voltage parts (to achieve the functional
insulation level). The (NTC) thermistor is a class II sensor, and can be put on non-
earthed accessible and conductive parts.
2.2
Ensured functions
2.2.1
Temperature control
The thermal sensor used is an NTC thermal resistor (thermistor) from EPCOS (M2020 5 k
2%). It should be placed on the evaporator of the fridge or the freezer. The controlled
evaporator temperature range should be between -20 and 5 °C. The range can be modified
by changing the value of the resistor placed in series with the NTC (refer to Appendix A).
The NTC resistance value decreases, following an exponential variation, when the
temperature increases. Then, to get back the temperature data, the MCU could use a
numerical table. In the STEVAL-IHT001V1 board, a simple resistor has been added in
series with the NTC in order to linearize its thermal response (refer to Appendix A). Two
advantages come from this choice:
●
Memory area savings
●
Easy way to measure the temperature.
Temperature regulation is achieved by Hysteresis control (see Figure 3).
Figure 3.
Hysteresis law



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com