Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 14Page - STMicroelectronics UM0277 Datasheet HTML 15Page - STMicroelectronics UM0277 Datasheet HTML 16Page - STMicroelectronics UM0277 Datasheet HTML 17Page - STMicroelectronics UM0277 Datasheet HTML 18Page - STMicroelectronics UM0277 Datasheet HTML 19Page - STMicroelectronics UM0277 Datasheet HTML 20Page - STMicroelectronics UM0277 Datasheet HTML 21Page - STMicroelectronics UM0277 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Getting started
UM0277
18/32
measured to switch ON the TRIACs which controls the Light Bulb and the Defrost resistor is
approximately 130µs for the AC mains negative cycle (230 VRMS 50 Hz line). The maximum
delay measured to switch ON the compressor is approximately 170µs for the AC mains
negative cycle (see Figure 12).
Figure 12.
Gate current pulses
3.5.3
Force debug
The Force Debug tab is used to force the AC loads state regardless of the control state
defined by the MCU for easier board validation (Figure 13). In order to control these AC
Loads, it is necessary to click the “Debug Mode” button. In this case, the green lights of the
AC Loads buttons are ON, if the associated loads are also ON, otherwise:
●
Clicking the “Compressor” button will turn on Q1, and then the compressor is running.
●
Clicking the “Bulb” button will turn on Q2, and then the light bulb is lit.
●
Clicking the “Defrost” button will turn on Q3, and then the defrost resistor is heating.
Note:
1
The Defrost and Compressor cannot be switched ON at the same time. Setting Defrost
resets Compressor, and vice-versa.
2
In order to return to “Normal” mode, click the “Debug Mode” button. In this case, all the
green lights turn off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com