Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics UM0277 Datasheet HTML 28Page - STMicroelectronics UM0277 Datasheet HTML 29Page - STMicroelectronics UM0277 Datasheet HTML 30Page - STMicroelectronics UM0277 Datasheet HTML 31Page - STMicroelectronics UM0277 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Capacitor value according to country
UM0277
30/32
Appendix G
Capacitor value according to country
Table 7 indicates the capacitor value for a 30mA average current for typical application case
(nominal capacitor value, nominal RMS line voltage) versus different AC mains and
frequency values used in different countries.
Moreover, the typical and minimal (nominal capacitor value -10%, minimum RMS line
voltage) output DC current capabilities are included for information.
Table 7.
C3 capacitor value according to the country
Country
Typical RMS
Voltage
Minimum
RMS voltage
Frequency
C3
capacitor
Output DC current
for typical
application
conditions
Min. output DC current
capabilities for worst
application case
Japan
100V
90V
50/60Hz
2.2µF
31.1mA
25.2mA
USA
120V
100
60Hz
1.5µF
30.5mA
22.9mA
Brazil,
Mexico
120V to 240V 102V to 204V
50/60Hz
2.2µF
37.3mA
28.5mA
Europe,
China,
Korea,
Australia
220V to 240V 187V to 204V
50/60Hz
1µF
31.1mA
23.8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com