Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0277 Datasheet HTML 1Page - STMicroelectronics UM0277 Datasheet HTML 2Page - STMicroelectronics UM0277 Datasheet HTML 3Page - STMicroelectronics UM0277 Datasheet HTML 4Page - STMicroelectronics UM0277 Datasheet HTML 5Page - STMicroelectronics UM0277 Datasheet HTML 6Page - STMicroelectronics UM0277 Datasheet HTML 7Page - STMicroelectronics UM0277 Datasheet HTML 8Page - STMicroelectronics UM0277 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UM0277
Kit introduction
5/32
1.2
Board presentation
Figure 2 shows the STEVAL-IHT001V1 board and the main components used on this board.
Figure 2.
Power board (top view)
This board mainly embeds (refer to Appendix C for the complete schematic):
●
A capacitor power supply. The average output current of the capacitor power supply is
approximately 25 mA with he embedded 1µF C3 capacitor (for a 230V-50Hz Line RMS
voltage)
●
A ST7LITE39F2 MCU
●
AC Switches: one ACS102-6TA, one ACS110-7SB2 and one ACST6-7ST to control
respectively a light bulb, a defrost resistor or fan, and a compressor
●
ON/OFF LED. This LED switches ON when the board is powered
●
Temperature order visualization. Three LEDs indicate the temperature order using
three different settings: low, medium and high
●
BP1 Push Button, to change the temperature order setting
●
Transducer (or buzzer) to warn the user if the door is opened for an extended time
●
SCI connector, for communication between the board and a computer (using the GUI
software)
●
An In-Dart connector, to load the firmware in the MCU
Warning:
To avoid electrical shock through the computer, if the In-Dart
connector is used to connect a computer, the STEVAL-
IHT001V1 board must be plugged into an insulated mains
plug.
Temperatureorder
visualization
BP1PushButton
(temperatureselection)
J1connector (ACmains)
ON/OFF
Led
SCI connector
Transducer
ACS/ ACST
Power
supply
capacitor
ST7Lite
MCU
Temperatureorder
visualization
BP1PushButton
(temperatureselection)
J1connector (ACmains)
ON/OFF
Led
SCI connector
Transducer
ACS/ ACST
Power
supply
capacitor
ST7Lite
MCU
J1connector (ACmains)
ON/OFF
Led
SCI connector
Transducer
ACS/ ACST
Power
supply
capacitor
ST7Lite
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com