Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 23Page - STMicroelectronics UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics UM0277 Datasheet HTML 28Page - STMicroelectronics UM0277 Datasheet HTML 29Page - STMicroelectronics UM0277 Datasheet HTML 30Page - STMicroelectronics UM0277 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
UM0277
Bill of materials
27/32
S1
STRAP
Length is given from pad to pad
S2
STRAP
S3
STRAP
J6/J7/J8/J9
Corner Spacer: Screw
J6/J7/J8/J9
Corner Spacer: Nut
Fuse
Fuse 5x20mm 8A 250V
N/A
Fuse socket
N/A
Socket hood
Table 5.
Bill of materials (continued)
Name
Designation
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com