Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 13Page - STMicroelectronics UM0277 Datasheet HTML 14Page - STMicroelectronics UM0277 Datasheet HTML 15Page - STMicroelectronics UM0277 Datasheet HTML 16Page - STMicroelectronics UM0277 Datasheet HTML 17Page - STMicroelectronics UM0277 Datasheet HTML 18Page - STMicroelectronics UM0277 Datasheet HTML 19Page - STMicroelectronics UM0277 Datasheet HTML 20Page - STMicroelectronics UM0277 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
UM0277
Getting started
17/32
Figure 10.
Temperature control tab
3.5.2
Timing control
The Timing Control tab (Figure 11) controls the gate current width for the TRIACs, the delay
to switch ON the TRIACs Q1 (for compressor), the ZVS delay, the delay to activate defrost
and the defrost duration. Note that the initial parameters are given in Appendix F. These
parameters are sent and received by clicking on “Set” or “Get” buttons, respectively.
Figure 11.
Timing control tab
The ZVS delay is the delay between the AC mains zero voltage and the detection of this
zero voltage by MCU in order to synchronize the MCU orders with the AC mains voltage.
The MCU uses Zero Voltage Crossing (ZVC) events to synchronize the TRIACs' gate
current pulses. The LINE voltage is connected to the input pin through two resistors (R7 and
R8). An interruption will then occur at each ZVC event. As soon as the ZVC is detected, the
AUTO-RELOAD Timer is started and a routine is launched to define the PORT A
configuration. The required time introduces then a delay from the ZVS. The maximum delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com