Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 21Page - STMicroelectronics UM0277 Datasheet HTML 22Page - STMicroelectronics UM0277 Datasheet HTML 23Page - STMicroelectronics UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics UM0277 Datasheet HTML 28Page - STMicroelectronics UM0277 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
UM0277
Bill of materials
25/32
Appendix D
Bill of materials
Table 5.
Bill of materials
Name
Designation
Comment
R1
Resistor 33 Ohm
−1/2W - 5%
R2
Resistor 51 Ohm-1/4W - 5%
R3
Resistor 150 Ohm-1/4W - 5%
R4
Resistor 130 Ohm-1/4W - 5%
R5
Resistor 390 Ohm-1/4W - 5%
R6
Resistor 47 Ohm -1/2W - 5%
R7
Resistor 150 kOhm-1/4W - 5%
R8
Resistor 150 kOhm-1/4W - 5%
R9
Resistor 750 Ohm-1/4W - 5%
R10
Resistor 750 Ohm-1/4W - 5%
R11
Resistor 750 Ohm-1/4W - 5%
R12
Resistor 30 kOhm-1/4W - 5%
R13
Resistor 10 kOhm-1/4W - 5%
R14
Resistor 10 kOhm-1/4W - 5%
R15
Resistor 200 Ohm-1/4W - 5%
R16
Resistor 4.7 kOhm-1/4W - 5%
No connected
R17
Resistor 4.7 kOhm-1/4W - 5%
R18
Resistor 1 MOhm-1/4W - 5%
C1
Capa. Polyester - 400 Vcc (220V ca) 10nF 10%
C2
Capa. Radial Electrolytic 16V 2200µF 20%
C3
Capa. 1uF - 400V - X2 - 10%
C4
Capa SMD 100 nF NPO 50V
C5
Capa. SMD NPO 50V
No connected
C6
Capa. SMD NPO 50V
No connected
C7
Capa. SMD NPO 50V
No connected
C8
Capa. SMD NPO 50V
No connected
C9
Capa. SMD NPO 50V
No connected
C10
Capa. SMD NPO 50V
No connected
C11
Capa. SMD 2.2nF NPO 50V
C12
Capa. SMD NPO 50V
No connected
C13
Capa. SMD 10nF NPO 50V
C14
Capa. 10nF - 400V - X2 - 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com