Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 10Page - STMicroelectronics UM0277 Datasheet HTML 11Page - STMicroelectronics UM0277 Datasheet HTML 12Page - STMicroelectronics UM0277 Datasheet HTML 13Page - STMicroelectronics UM0277 Datasheet HTML 14Page - STMicroelectronics UM0277 Datasheet HTML 15Page - STMicroelectronics UM0277 Datasheet HTML 16Page - STMicroelectronics UM0277 Datasheet HTML 17Page - STMicroelectronics UM0277 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Getting started
UM0277
14/32
3.4.1
Using the GUI software
In order to use the GUI of our STEVAL-IHT001V1 kit, a recent version of Windows®, such
as Windows 98, Windows 2000 or Windows XP must be installed on your computer. The
version of the Windows OS installed on your PC may be checked by clicking on the
“System” icon on the Control Panel.
To install the PC software (GUI) tool:
●
Put the companion CDROM into the PC.
●
Browse the CDROM directory to locate the GUI setup executable.
●
Double-click on the GUI setup executable file.
●
Follow the instructions as they appear on the screen.
Figure 7 explains how to connect the different STEVAL-IHT001V1 kit boards and the
computer.
Figure 7.
STEVAL-IHT001V1 thermostat kit connections
An insulated interface is required in order to control the different parameters of the fridge
(Figure 8). The SCI insulated interface board is used in order to insulate the PC from the
STEVAL-IHT001V1 Kit Board and converts the RS-232 levels (about +10 and -10V) to TTL
voltage (0 and +5V) used by MCU, and vice versa, without requiring anything else than a
+9V power supply.
Computer
GUI
RS232Interface
cable
MaleDB9
FemaleDB9
PCinterfaceboard
STEVAL-IHT001V1
temperature
t
SCI Interface
cable
SCI
SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com