Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0277 Datasheet HTML 1Page - STMicroelectronics UM0277 Datasheet HTML 2Page - STMicroelectronics UM0277 Datasheet HTML 3Page - STMicroelectronics UM0277 Datasheet HTML 4Page - STMicroelectronics UM0277 Datasheet HTML 5Page - STMicroelectronics UM0277 Datasheet HTML 6Page - STMicroelectronics UM0277 Datasheet HTML 7Page - STMicroelectronics UM0277 Datasheet HTML 8Page - STMicroelectronics UM0277 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Kit introduction
UM0277
4/32
1
Kit introduction
1.1
Package contents
This package (Figure 1) includes the following items:
●
A thermostat board (ref.: STEVAL-IHT001V1)
●
A M2020 5k NTC thermistor from EPCOS (ref.: M2020/5k/A17)
●
A CD-ROM, including products presentations and data-sheets, user manual,
Application Notes and the GUI software.
●
“Getting Started” User Manual (this document)
●
The insulated PC interface board (ref.: MC/UNI/0001.01 PC-INTERFACE ver.1.1)
●
A 230VAC/9VDC insulated power supply for the SCI interface board
●
One RS-232 Interface cable
●
One SCI Interface cable
Figure 1.
Package contents
RS232 Interface
cable
230VAC/9VDC
insulated power
supply
M2020 5k NTC
thermostat board
SCI Interface
cable
PC insulated
interface board
RS232 Interface
cable
230VAC/9VDC
insulated power
supply
M2020 5k NTC
thermostat board
SCI Interface
cable
PC insulated
interface board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com