Electronic Components Datasheet Search
  English  ▼

X  

UM0277 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0277
Description  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 5Page - STMicroelectronics UM0277 Datasheet HTML 6Page - STMicroelectronics UM0277 Datasheet HTML 7Page - STMicroelectronics UM0277 Datasheet HTML 8Page - STMicroelectronics UM0277 Datasheet HTML 9Page - STMicroelectronics UM0277 Datasheet HTML 10Page - STMicroelectronics UM0277 Datasheet HTML 11Page - STMicroelectronics UM0277 Datasheet HTML 12Page - STMicroelectronics UM0277 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
UM0277
Functional description
9/32
2.3.2
ST7LITE39F2 microcontroller
The MCU used in the thermostat kit is the ST7LITE39F2. It belongs to the ST7LITE39F2
MCU family. It embeds a large number of features at the minimum cost. The peripheral
hardware requirements are then reduced to the minimum:
●
No crystal oscillator or external resonator is used. Indeed, the internal RC-oscillator of
the ST7LITE39F2 is used to generate the clock.
●
No external RESET circuit is used, due to the internal circuit of the ST7LITE39F2.
In case of MCU firmware change, four options have to be set:
●
Software watchdog activation
●
RC oscillator selection
●
PLL disabled
●
Low Voltage Detection selection
2.3.3
Capacitive power supply
To reduce the board price as much as possible, a capacitive power supply is used on the
board. The maximum average current sunk by the board is about 30mA for 4ms gate current
pulse widths (see Table 2). In this case, a 1µF C3 capacitor value should be used in order
for the board to work correctly under typical application conditions (nominal capacitor value,
230V RMS line voltage).
For higher or lower currents, the C3 capacitor can be changed. Table 3 lists the maximum
allowed average current versus the different C3 capacitor values for typical application
conditions (nominal capacitor value, 230 VRMS line voltage) and worst application case
(nominal C3 capacitor value -10%, 198 VRMS line voltage), for a 50Hz mains frequency.
For more information about the design of the capacitive power supply please refer to
Application Note AN1476.
Table 2.
Maximum average current sunk by the board
Devices
Average current
consumption
Comments
MCU
2.5mA
Maximum supply current in Run Mode.
fCPU = 1MHz and VDD = 5.5V
LEDs
2.7mA
LEDs switch ON/OFF alternatively on each AC mains
polarity in order to reduce the current consumption.
VF = 1.6V @ IF = 4mA, VDD_Max = 5.5V and
R9 = R10 = R11 = 750Ohms±1%
Gate average
current necessary
to control AC
switches
21mA
Switches Q1 (Compressor) and Q2 (Defrost) cannot be
switched ON at the same time. The gate average current is
only defined according to the Q2 (Defrost) and Q3 (Light
Bulb) gate current.
VDD_Max = 5.5V, RDSON_MCU = 25Ω, R4 = 130Ω±5%,
R5 = 390Ω±5% and 4ms gate currents pulses widths
Others (Push
Button, NTC
supply, Buzzer)
4.3mA
VDD_Max = 5.5V, RNTC@0°C = 16Ω, R14 = 10kΩ±5% and
R15 = 200Ω±5%
(IBuzzer supply current = 4mA)
Total
30.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com