| Electronic Components Datasheet Search |
|
UPD70741 Datasheet(PDF) 32 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD70741 Datasheet(HTML) 32 Page - NEC |
|
32 / 112 page ![]() µPD70741 32 6. MEMORY ACCESS CONTROL FUNCTIONS 6.1 DRAM Controller (DRAMC) The DRAM controller (DRAMC) generates the REFRQ, RAS, LCAS, and UCAS signals, and controls access to DRAM. Access to DRAM is achieved by multiplexing the DRAM row and column addresses and outputting them from the address pins. The microprocessor assumes the connected DRAM to be of × 4 bits or more, and that it supports high-speed page mode. There are two types of DRAM access cycles, on-page (2 or 3 clock pulses) and off-page (4 or 5 pulses). Refresh uses the CAS before RAS method, allowing the user to set any refresh period. In IDLE and STOP modes, CBR self-refresh is performed. 6.1.1 Features • Generates the REFRQ, RAS, LCAS, and UCAS signals. • Supports DRAM high-speed page mode. • Address multiplexing function: 8, 9, 10, and 11 bits • CBR refresh and CBR self-refresh functions 6.1.2 Address multiplexing function In the DRAM cycle, row and column addresses are multiplexed according to the value of the DAW bits of the DRAM configuration register (DRC), then output, as shown in Figure 6-1. In Figure 6-1, a0-a23 are the addresses output from the CPU, while A0-A23 are the address pins of the V821. For example, if DAW = 11, row address a12-a22 and column address a1-a11 are output from address pins (A1-A11). Table 6-1 lists the relationship between the connectable DRAMs and address multiplexing widths. Depending on the connected DRAM, the DRAM space can be between 128 Kbytes and 8 Mbytes. Figure 6-1. Output of Row and Column Addresses a23 a16 a15 a14 a13 a23 a22 a21 a20 a19 a18 a17 a16 a15 a14 a13 a12 a11 A23 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 a23 a16 a15 a14 a23 a22 a21 a20 a19 a18 a17 a16 a15 a14 a13 a12 a11 a10 a23 a16 a15 a23 a22 a21 a20 a19 a18 a17 a16 a15 a14 a13 a12 a11 a10 a9 a23 a16 a23 a22 a21 a20 a19 a18 a17 a16 a15 a14 a13 a12 a11 a10 a9 a8 a23 a0 Address pin Row address DAW = 11 DAW = 10 DAW = 01 DAW = 00 Column address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |