Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 23 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 23 Page - NEC

Back Button UPD70741 Datasheet HTML 19Page - NEC UPD70741 Datasheet HTML 20Page - NEC UPD70741 Datasheet HTML 21Page - NEC UPD70741 Datasheet HTML 22Page - NEC UPD70741 Datasheet HTML 23Page - NEC UPD70741 Datasheet HTML 24Page - NEC UPD70741 Datasheet HTML 25Page - NEC UPD70741 Datasheet HTML 26Page - NEC UPD70741 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
µPD70741
23
3.5 Data Types
3.5.1 Data types
The data types supported by the V821 are as follows:
• Integer (8, 16, 32 bits)
• Unsigned integer (8, 16, 32 bits)
• Bit string
• Single-precision floating-point data (32 bits)
(1) Data type and addressing
The V821 uses the little-endian data addressing. In this addressing, if fixed-length data is located in a memory
area, the data must be either of the data types shown below.
(a) Byte
A byte is consecutive 8-bit data whose first-bit address is aligned to a byte boundary. Each bit in a byte is
numbered from 0 to 7: LSB (the least significant bit) is bit 0 and MSB (the most significant bit) is bit 7. To
access a byte, specify address A. (See diagram below.)
(b) Halfword
A halfword is consecutive 16-bit (= 2 bytes) data whose first-bit address is aligned to a halfword boundary.
Each bit in a halfword is numbered from 0 to 15: LSB (the least significant bit) is bit 0 and MSB (the most
significant bit) is bit 15. To access a halfword, specify the address A only (lowest bit must be 0).
(c) Word/short real
A word, also called short real, is consecutive 32-bit (= 4 bytes) data whose first-bit address is aligned to a
word boundary. Each bit in a word is numbered from 0 to 31: LSB (the least significant bit) is bit 0 and MSB
(the most significant bit) is bit 31. To access a word or short real, specify the address A only (lower two bits
must be 0).
15
8 7
A + 1
0
A
70
A
31
24 23
A + 3
16 15
A + 2
87
A + 1
0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com