Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 84 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 84 Page - NEC

Back Button UPD70741 Datasheet HTML 80Page - NEC UPD70741 Datasheet HTML 81Page - NEC UPD70741 Datasheet HTML 82Page - NEC UPD70741 Datasheet HTML 83Page - NEC UPD70741 Datasheet HTML 84Page - NEC UPD70741 Datasheet HTML 85Page - NEC UPD70741 Datasheet HTML 86Page - NEC UPD70741 Datasheet HTML 87Page - NEC UPD70741 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
µPD70741
84
(e) Write timing (high-speed page access: on-page) (1/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
CAS precharge time
72
tCP
0.5T - 10
ns
RAS hold width (write)
80
tRSH
1.5T - 20
ns
CAS pulse width (write)
81
tCAS
1T - 15
ns
Column address setup time (write)
83
tASC
(w + 0.5)T - 15
ns
Column address hold time (write)
84
tCAH
1T - 15
ns
Write command hold time
85
tWCH
0.5T - 10
ns
Write command read time relative to RAS
86
tRWL
1.5T
ns
Write command read time relative to CAS
87
tCWL
1T
ns
Data setup time (relative to CAS
↓)
88
tDS
0.5T - 15
ns
Data hold time (relative to CAS
↓)
89
tDH
1T - 20
1T + 10
ns
Write command setup time
90
tWCS
0.5T - 15
ns
Cycle time in high-speed page mode
91
tPC
1.5T - 10
ns
Remark T: tCYK
w: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com