Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 82 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 82 Page - NEC

Back Button UPD70741 Datasheet HTML 78Page - NEC UPD70741 Datasheet HTML 79Page - NEC UPD70741 Datasheet HTML 80Page - NEC UPD70741 Datasheet HTML 81Page - NEC UPD70741 Datasheet HTML 82Page - NEC UPD70741 Datasheet HTML 83Page - NEC UPD70741 Datasheet HTML 84Page - NEC UPD70741 Datasheet HTML 85Page - NEC UPD70741 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
µPD70741
82
(d) Read timing (high-speed page access: on-page) (1/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Delay from RD
↑ to write data output (ADC = 0)
39
tDRD0
0.5T - 10
ns
Delay from RD
↑ to write data output (ADC = 1)
40
tDRD1
1T - 10
ns
CAS access time
58
tCAC
(w + 1)T - 20
ns
Access time from column address
59
tAA
(w + 1)T - 3
ns
Output enable access time
60
tOEA
1.5T - 20
ns
Output buffer turn-off delay (relative to CAS)
61
tOFF
0ns
Output buffer turn-off delay (relative to MRD)
62
tOEZ
0ns
RD setup time (relative to RAS
↑)
63
tOES
1.5T
ns
RAS hold width (read)
67
tRSH
(w + 1.5)T - 20
ns
CAS pulse width (read)
68
tCAS
(w + 1)T - 15
ns
CAS precharge time
72
tCP
0.5T - 10
ns
Column address setup time (read)
75
tASC
0.5T - 15
ns
Column address hold time (read)
76
tCAH
(w + 1)T - 15
ns
Cycle time in high-speed page mode
91
tPC
1.5T - 10
ns
Access time from CAS precharge
92
tACP
2T - 20
ns
RAS hold time relative to CAS precharge
93
tRHCP
2T
ns
Read command setup time
94
tRCS
0.5T
ns
Read command hold time
95
tRCH
0.5T - 15
ns
Remark T: tCYK
w: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com