Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 2 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 2 Page - NEC

  UPD70741 Datasheet HTML 1Page - NEC UPD70741 Datasheet HTML 2Page - NEC UPD70741 Datasheet HTML 3Page - NEC UPD70741 Datasheet HTML 4Page - NEC UPD70741 Datasheet HTML 5Page - NEC UPD70741 Datasheet HTML 6Page - NEC UPD70741 Datasheet HTML 7Page - NEC UPD70741 Datasheet HTML 8Page - NEC UPD70741 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
µPD70741
2
ORDERING INFORMATION
Part number
Package
µPD70741GC-25-8EU
100-pin plastic LQFP (fine pitch) (14
× 14 × 1.40 mm)
PIN CONFIGURATION (TOP VIEW)
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
µPD70741GC-25-8EU
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
GND
D15
D14
D13
D12
D11
D10
D9
D8
GND
VDD
D7
D6
D5
D4
D3
D2
D1
D0
IC
RESET
INTP10
INTP11
INTP12
GND
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
VDD
RAS
UMWR
LMWR/WE
MRD
READY
CS0/REFRQ
CS1
CS2
CS3
A12
A13
A14
A15
A16
GND
VDD
A17
A18
A19
A20
A21
A22
A23
VDD
Caution Connect the IC pin to GND through a resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com