Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 8 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 8 Page - NEC

Back Button UPD70741 Datasheet HTML 4Page - NEC UPD70741 Datasheet HTML 5Page - NEC UPD70741 Datasheet HTML 6Page - NEC UPD70741 Datasheet HTML 7Page - NEC UPD70741 Datasheet HTML 8Page - NEC UPD70741 Datasheet HTML 9Page - NEC UPD70741 Datasheet HTML 10Page - NEC UPD70741 Datasheet HTML 11Page - NEC UPD70741 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
µPD70741
8
(1/2)
1. PIN FUNCTIONS
1.1 Port Pins
Pin name
Input/output
Function
Dual-function pin
P00
Input/output
Port 0
TCLR
P01
10-bit input/output port
DREQ0
P02
Can be set for input/output bit.
DACK0
P03
DREQ1
P04
DACK1
P05
SI
P06
SO
P07
SCLK
P08
TXD/UBE
P09
RXD/TC
Remark After a reset is released, each port pin is set as an input port pin.
1.2 Non-Port Pins
Pin name
Input/output
Function
Dual-function pin
A0-A23
Tristate output
Address bus signal
-
D0-D15
Tristate input/output
Bidirectional data bus signal
-
READY
Input
Bus cycle termination permit signal
-
HLDRQ
Input
Bus mastership request signal
-
HLDAK
Output
Bus mastership permit signal
-
BLOCK
Output
Bus mastership prohibit signal
WDTOUT
MRD
Tristate output
Read strobe signal to memory
-
LMWR
Tristate output
Write strobe signal to lower data in memory
WE
UMWR
Tristate output
Write strobe signal to upper data in memory
-
IORD
Tristate output
Read strobe signal to I/O data
-
IOWR
Tristate output
Write strobe signal to I/O data
-
UBE
Tristate output
Data bus upper data enable signal
TXD/P08
RESET
Input
System reset input
-
X1, X2
Input
Crystal connection/external clock input
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com