Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 96 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 96 Page - NEC

Back Button UPD70741 Datasheet HTML 92Page - NEC UPD70741 Datasheet HTML 93Page - NEC UPD70741 Datasheet HTML 94Page - NEC UPD70741 Datasheet HTML 95Page - NEC UPD70741 Datasheet HTML 96Page - NEC UPD70741 Datasheet HTML 97Page - NEC UPD70741 Datasheet HTML 98Page - NEC UPD70741 Datasheet HTML 99Page - NEC UPD70741 Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
µPD70741
96
(7) DRAM, CBR refresh timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
READY setup time (relative to CLKOUT
↑)
24
tSRYK
6ns
READY hold time (relative to CLKOUT
↑)
25
tHKRY
6ns
RAS pulse width
65
tRAS
(w + 2.5)T - 20
ns
CAS setup time
110
tCSR
1T - 20
ns
CAS hold time
111
tCHR
(w + 2.5)T - 20
ns
Refresh pulse width
112
tREF
(w + 2.5)T - 20
ns
RAS precharge to CAS hold time
113
tRPC
4.5T - 20
ns
REFRQ active delay (relative to CLKOUT
↑)
114
tDKREF
112
ns
REFRQ inactive delay (relative to CLKOUT
↓)
115
tHKREF
112
ns
Remark T: tCYK
w: Wait state count for CBR refresh
CLKOUT (output)
READY (input)
UCAS, LCAS (output)
RAS (output)
REFRQ (output)
24
25
24
25
65
114
115
112
111
113
110
110
TH
TH
TI
TH
TH
TH
TH
TH
TH
Remark In the above timing chart, w = 1 is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com