Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 104 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 104 Page - NEC

Back Button UPD70741 Datasheet HTML 100Page - NEC UPD70741 Datasheet HTML 101Page - NEC UPD70741 Datasheet HTML 102Page - NEC UPD70741 Datasheet HTML 103Page - NEC UPD70741 Datasheet HTML 104Page - NEC UPD70741 Datasheet HTML 105Page - NEC UPD70741 Datasheet HTML 106Page - NEC UPD70741 Datasheet HTML 107Page - NEC UPD70741 Datasheet HTML 108Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
µPD70741
104
(12) INTPn input setup time, hold time
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
INTPn input low setup time
144
tSILK
9ns
INTPn input high setup time
145
tSIHK
9ns
INTPn input low pulse width
146
tCYIL
2
tCYK
INTPn input high-level width
147
tCYIH
2tCYK
(13) NMI input
The NMI pin incorporates a noise eliminator which is based on an analog delay (60 to 300 ns). The input setup
time and input hold time are not, therefore, specified for NMI.
The NMI pin accepts a level input, such that the input level must be held until the acceptance of the input is
confirmed after a branch to the handler.
CLKOUT (output)
INTPn (input)
(edge mode)
INTPn (input)
(level mode)
145
147
146
144
144
NMI (input)
Internal NMI
signal
CPU processing
Analog delay
Analog delay
Analog delay
Normal processing
Nonmaskable interrupt handling
After confirming acceptance,
de-activate NMI from the interrupt
handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com