Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 51Page - STMicroelectronics AN3985 Datasheet HTML 52Page - STMicroelectronics AN3985 Datasheet HTML 53Page - STMicroelectronics AN3985 Datasheet HTML 54Page - STMicroelectronics AN3985 Datasheet HTML 55Page - STMicroelectronics AN3985 Datasheet HTML 56Page - STMicroelectronics AN3985 Datasheet HTML 57Page - STMicroelectronics AN3985 Datasheet HTML 58Page - STMicroelectronics AN3985 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
55/105
ISO15693_Get_RFU_Flag function
This function returns the RFU flag. The function may need to be tailored when RFU will be
defined.
ISO15693_Get_NumberofByte_MemSize_using_ICREF function
This function returns the number of bytes used to describe the memory size of the
contactless tag (STMicroelectronics manufactured tag).
ISO15693_Get_Size_of_Block_using_ICRef function
This function returns the size of a block using the UID of the Tag (STMicroelectronics'
manufactured contactless tag).
Table 92.
ISO15693_Get_RFU_Flag function description
Prototype
u8 ISO15693_Get_RFU_Flag(const u8 Request_flags);
Input parameter
Request_flags: information flags containing the data
Output parameter
None
Return parameter
ISO15693_BIT8_RFU_SET: The RFU flag is set.
ISO15693_BIT8_RFU_RESET: The RFU flag is reset.
Table 93.
ISO15693_Get_NumberofByte_MemSize_using_ICREF function
description
Prototype
u8
ISO15693_Get_NumberofByte_MemSize_using_ICREF(const
u8 ICRef);
Input parameter
ICRef: the ICref to compare with the one referenced in the miscellaneous.h file
(those available at the date of creation of this file; as a matter of fact, an update
should be necessary)
Output parameter
None
Return parameter
Number_of_Byte: the number of bytes composing the word
NO_ICREF_MATCHING: No Icref matches, 0 is returned.
Table 94.
ISO15693_Get_Size_of_Block_using_ICRef function description
Prototype
u8 ISO15693_Get_Size_of_Block_using_ICRef(const u8
ICRef);
Input parameter
ICRef: the ICref to compare with the one referenced in the miscellaneous.h file
(those available at the date of creation of this file; as a matter of fact, an update
should be necessary)
Output parameter
None
Return parameter
Number_of_Byte: the number of bytes composing a block
ISO15693_BLOCK_SIZE_ERROR: No Icref matches, 0 is returned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com