Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 88 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 84Page - STMicroelectronics AN3985 Datasheet HTML 85Page - STMicroelectronics AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics AN3985 Datasheet HTML 89Page - STMicroelectronics AN3985 Datasheet HTML 90Page - STMicroelectronics AN3985 Datasheet HTML 91Page - STMicroelectronics AN3985 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 105 page
background image
Application example
AN3985
88/105
Doc ID 022255 Rev 2
8.1.1
Board initialization
This function configures the STM8L resources needed:
●
Interface bus to communicate with CR95HF device (through SPI or UART bus)
●
Timers
●
LCD
●
I2C
●
GPIO (LED & joystick)
Delay management
The delays are handled by two timers. Timer #4 allows to introduce a delay between two
instructions, whereas timer #2 is used with interrupts to control the execution time of a group
of instructions.
8.1.2
Display initialization
The LCD screen is initialized with the Logo of the STMicroelectronics company and the
CR95HF product name.
8.1.3
Test configuration
This function configures the CR95HF for the application example.
Table 147.
Test config procedure
Step
Action
1
The first step is to display the interface bus selected to communicate with CR95HF device.
2
A pulse is sent to CR95HF to wake it up.
3
An ECHO command is sent while there is no valid answer. If the echo fails, a message is
displayed on the screen and the following procedure is repeated while the echo command
fails:
– Send a pulse to CR95HF
– Echo command
– SPI Reset
At this point, STM8L and CR95HF can communicate which each other.
4
The internal EEPROM of the STM8L is unlocked.
5
A protocol select command is issued.
6
A calibration of the tag detection feature is launched.
7
A success message is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com