Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics AN3985 Datasheet HTML 38Page - STMicroelectronics AN3985 Datasheet HTML 39Page - STMicroelectronics AN3985 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 105 page
background image
ISO/IEC 15693 layer
AN3985
36/105
Doc ID 022255 Rev 2
5.4.1
Compute parameter byte functions
These functions compute a parameter field which will be used in other functions.
ISO15693_ComputeParameterByte_ProtocolSelect function
This function computes the parameter byte for ISO/IEC 15693 ProtocolSelect command,
bit0 is set to 1 to append CRC (see Chapter 5.3.4: CRC16 management).
Table 48.
Structure Fill In functions
Function name
Brief description
ISO156693_Check_Data_Received_Start_
Process
Checks if the CRC is correct and fills the structure
with the data common for all tag responses.
ISO15693_Retrieve_UID
Fills the Tag structure with the UID.
ISO15693_Retrieve_ICRef
Fills the Tag structure with the ICRef using the UID.
Table 49.
ISO15693_ComputeParameterByte_ProtocolSelect function description
Prototype
u8
CR95HF_ISO15693_ComputeParameterByte_ProtocolSelect
(u8 Bit7_6,u8 Bit5_4,u8 Bit3,u8 Bit2,u8 Bit1);
Input parameter
Bit7_6: RFU
Bit5_4: DataRate
Bit3: ensure 312µs delay or wait for SOF
Bit2: modulation
Bit1: single or dual carrier
Output parameter
None
Return parameter
Parameter byte for ProtocolSelect command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com