Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 83 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 79Page - STMicroelectronics AN3985 Datasheet HTML 80Page - STMicroelectronics AN3985 Datasheet HTML 81Page - STMicroelectronics AN3985 Datasheet HTML 82Page - STMicroelectronics AN3985 Datasheet HTML 83Page - STMicroelectronics AN3985 Datasheet HTML 84Page - STMicroelectronics AN3985 Datasheet HTML 85Page - STMicroelectronics AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
AN3985
M24LRxx layer
Doc ID 022255 Rev 2
83/105
M24LRxx_SetRst_EH_en function
This function sends, through the CR95HF, a SetRst_EH_en command to a contactless tag
in the field. On receiving the set reset Energy Harvesting Enable command, the M24LRxxE-R
contactless tag set or reset the EHenable bit, within the volatile control register.
M24LRxx_Check_EH_En function
This function sends, through the CR95HF, a Check_EH_En command to a contactless tag
in the field. On receiving the Check Energy Harvesting enabled command, the M24LRxxE-R
contactless tag reads the control register and sends back its value.
Table 141.
M24LRxx_SetRst_EH_en function description
Prototype
u8 M24LRxx_SetRst_EH_en (ISO15693_Tag* MyTag,
const u8
Request_flags,const u8* Tag_UID, u8 Set_Reset);
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not. (1)
Tag_UID: pointer on the UID (optional)
Set_Reset: Enable or disable the energy harvesting. (2)
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
2.
Value to enable the energy harvesting: M24LRxx_CONTROL_BYTE_EH_ENABLE
Value to disable the energy harvesting: M24LRxx_CONTROL_BYTE_EH_DISABLE
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.
Table 142.
M24LRxx_Check_EH_En function description
Prototype
u8 M24LRxx_Check_EH_En (ISO15693_Tag* MyTag,
const u8
Request_flags,const u8* Tag_UID);
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not. (1)
Tag_UID: pointer on the UID (optional)
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com