Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 63 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 59Page - STMicroelectronics AN3985 Datasheet HTML 60Page - STMicroelectronics AN3985 Datasheet HTML 61Page - STMicroelectronics AN3985 Datasheet HTML 62Page - STMicroelectronics AN3985 Datasheet HTML 63Page - STMicroelectronics AN3985 Datasheet HTML 64Page - STMicroelectronics AN3985 Datasheet HTML 65Page - STMicroelectronics AN3985 Datasheet HTML 66Page - STMicroelectronics AN3985 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
AN3985
LRIxK layer
Doc ID 022255 Rev 2
63/105
6.3.1
LRIxK command functions
This chapter describes the specific LRIxK layer functions.
LRIxK_Kill function
This function sends, through the CR95HF, a kill command to the unique contactless tag
designated by its UID and belonging to the LRIxK family. On receiving the kill command, the
contactless tag compares the kill code added to the command and checks if it matches with
the kill code previously written into the code. The contactless tag answers to the command
before being deactivated.
LRIxK_Write_Kill function
This function sends, through the CR95HF, a write kill command to an LRIxK contactless tag
present in the RF field or designated by its UID. The kill code provided is transmitted to the
contactless tag and will be required to deactivate the LRIxK product.
Note:
A lock kill command is necessary after this command to protect the kill code.
Table 108.
LRIxK_Kill function description
Prototype
u8 LRIXK_Kill(ISO15693_Tag* MyTag, const u8
Request_flags, const u8* Tag_UID, const u8*
Kill_Code);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response and if UID is present (addressed).
Tag_UID: pointer on the UID of the tag.
Kill_Code: kill code to compare with the one inside the contactless tag in order
to perform the kill command.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
LRIxK_ERROR_CODE: The command failed. Either there is no tag or the tag
did not manage to perform the request.
LRIxK_ERROR_REQUEST_FLAGS_CODE: The inventory flag is set.
LRIxK_COMMAND_SUCCESS_CODE: The tag answered the command.
Table 109.
LRIxK_Write_Kill function description
Prototype
u8 LRIxK_Write_Kill(ISO15693_Tag* MyTag, u8
Request_flags, u8* Tag_UID, u8* Kill_Code);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response and if UID is present (addressed).
Tag_UID: pointer on the UID of the tag.
Kill_Code: kill code to write into the contactless tag memory.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
LRIxK_ERROR_CODE: The command failed. Either there is no tag or the tag
did not manage to perform the request.
LRIxK_ERROR_REQUEST_FLAGS_CODE: The inventory flag is set.
LRIxK_COMMAND_SUCCESS_CODE: The tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com