Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 57 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 53Page - STMicroelectronics AN3985 Datasheet HTML 54Page - STMicroelectronics AN3985 Datasheet HTML 55Page - STMicroelectronics AN3985 Datasheet HTML 56Page - STMicroelectronics AN3985 Datasheet HTML 57Page - STMicroelectronics AN3985 Datasheet HTML 58Page - STMicroelectronics AN3985 Datasheet HTML 59Page - STMicroelectronics AN3985 Datasheet HTML 60Page - STMicroelectronics AN3985 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
57/105
ISO15693_Get_UID_from_EEPROM function
This function retrieves the UID stored into the EEPROM by the inventory 16 slots
commands.
5.4.6
CRC16 functions
ISO15693_CRC16 function
This function computes the CRC16 as defined by CRC ISO/IEC 13239
ISO15693_IsCorrectCRC16Residue function
This function computes the CRC16 residue as defined by CRC ISO/IEC 13239 and returns
ISO15693_RESULTOKCRC16 if the residue is compliant the ISO specification.
Table 98.
ISO15693_Get_UID_from_EEPROM function description
Prototype
u8 ISO15693_Get_UID_from_EEPROM(u8* UID_Tag, u8
UID_number);
Input parameter
MemSize: pointer on the bytes describing the memory size
Output parameter
None
Return parameter
ISO15693_ERROR_CODE: The UID read from EEPROM contains an error.
ISO15693_SUCCESS_CODE
Table 99.
ISO15693_CRC16 function description
Prototype
int16_t ISO15693_CRC16 (u8* DataIn,u8 NbByte);
Input parameter
DataIn: input data
Length: number of bytes of DataIn
Output parameter
None
Return parameter
ResCrc: CRC16 computed.
Table 100.
ISO15693_IsCorrectCRC16Residue function description
Prototype
ISO15693_IsCorrectCRC16Residue (u8 *DataIn,u8 Length);
Input parameter
DataIn: input data
Length: number of bytes of DataIn
Output parameter
None
Return parameter
ISO15693_RESULTOKCRC16: CRC16 residue is correct.
ISO15693_ERRORCODE_GENERICCRC16: CRC16 residue is false.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com